Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 172 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 172 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 168Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 169Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 170Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 171Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 172Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 173Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 174Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 175Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 176Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 286 page
background image
Chapter 11 TX4956 System Interface
11-4
•
Complete issuing of processor requests before external requests are received.
•
Release the system interface and go into the slave mode without completing issuance of the
processor requests.
In the latter of the above situations, the TX4956 issues processor requests after external requests are
complete. Rules relating to issuing are also provided to processor requests.
11.2.4
Handshake Signal
The processor uses the eight control signals explained below to manage the flow of requests.
•
RdRdy* and WrRdy* are used by the external agent to indicate that it is ready to accept a new
read or write transaction.
•
ExtRqst* and Release* are used to transfer SysAD bus and SysCmd bus control. ExtRqst* is
used by the external agent to indicate the necessity of controlling the interface. Release* is
asserted by the processor when transferring the system interface access privileges.
•
The TX4956 processor uses ValidOut* and the external agent ValidIn* signals to indicate the
valid command/data on the SysCmd/SysAD bus.
11.2.5
System Interface Protocol of R5000 Type
Figure 11.2.4 illustrates the system interface that operates between registers. In other words, processor
output is directly transferred from the output register and changes with the MasterClock rising edge.
Processor input is directly transferred to the input register and the input register latches these input
signals at the rising edge of the MasterClock. In this way, it becomes possible for the system interface to
operate at the fastest clock frequency.
Figure 11.2.4 Operation of the System Interface Between Registers
MasterClock
TX4956
Output data
Input data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com