Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 213 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 213 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 209Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 210Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 211Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 212Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 213Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 214Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 215Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 216Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 217Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 286 page
background image
Chapter 11 TX4956 System Interface
11-45
EOK* (I)
Indicates an external agent accepts a processor request.
A)
EOK* is active.
B)
The processor asserts PValid* and drives a read or write command. EOK* is asserted and
the external agent accepts the processor command.
Once the external agent has accepted a processor write command, the agent must be able to accept
the entire data size at the programmed data rate immediately following this command.
The external agent may provide read response data to the processor at any rate.
Deasserting EOK* may kill a processor read/write request in progress. If this occurs, the external
agent must ignore command and data from the processor in the following cycle.
Figure 11.3.8 Sample Cycle with EOK* Asserted
Figure 11.3.9 Sample Cycle with EOK* Asserted, Then Deasserted
A)
EOK* is active.
B)
Processor asserts PValid* and drives a read or write command. EOK* is deasserted
(external agent has killed the processor’s command).
C)
The external agent must ignore any SysAD and SysCmd data from the processor.
Pro Cmd (Rd/Wr)
Proc Address
C
B
A
SysAD
Cycle
MasterClcok
SysCmd
EOK*
PValid*
Proc Address
Pro Cmd (Wr)
Proc Data
Data Cmd
D
C
B
A
SysAD
Cycle
MasterClcok
SysCmd
EOK*
PValid*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com