Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 217 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 217 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 213Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 214Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 215Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 216Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 217Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 218Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 219Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 220Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 221Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 286 page
background image
Chapter 11 TX4956 System Interface
11-49
For 1-to 4-byte writes, a single data cycle is used. 5-, 6- and 7-byte writes are broken up into two
address/data transactions; one 4 bytes in size, the next handling the remaining 1, 2, or 3 bytes.
More than 8 bytes (e.g. 8, 16, 32), 4 bytes are sent on each data cycle until the appropriate number of bytes
has been transferred. The final data cycle is tagged as end of data (EOD) on the command bus.
To be fully compliant with all implementations of this protocol, an external agent should be able to
receive write data over any number of cycles with any number of idle cycles between any two data cycles.
However, for the TX4956 processor implementation, data begins to arrive on the cycle immediately
following the write issue cycle, and continues to arrive at a programmed data rate thereafter. The
processor drives data at the rate specified by the data rate configuration signals (see the section describing
Data Rate Control, later in this chapter).
Writes may be cancelled and retried with the EOK* signal (see the section earlier, Issuing Commands).
Figure 11.3.14 illustrates the bus transactions for a 4-word data cache block store.
Figure 11.3.14 Processor Block Write Request With W Data Rate
Figure 11.3.15 illustrates a write request which is cancelled by the deassertion of EOK* during the
address cycle of the second write, and which is retried when EOK* is asserted again.
Figure 11.3.15 Processor Single Write Request Followed By A Cancelled And Retried Write Request
Data 0
Data
Write
Data
Data
EOD
Data 3
Data 2
Data 1
Addr
8
12
6
11
10
9
7
5
4
3
2
1
SysAD
Cycle
MasterClock
SysCmd
EOK*
PValid*
PMaster*
Data 0
Write
Write
Write
EOD
EOD
EOD
Data 1
Data 1
Addr 1
Addr 1
Addr 0
8
12
6
11
10
9
7
5
4
3
2
1
SysAD
Cycle
MasterClock
SysCmd
EOK*
PValid*
PMaster*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com