Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 218 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 218 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 214Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 215Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 216Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 217Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 218Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 219Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 220Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 221Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 222Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 286 page
background image
Chapter 11 TX4956 System Interface
11-50
11.3.9
Processor Read Request
A processor read request is issued by the following:
•
driving a read command on the SysCmd bus
•
driving a read address on the SysAD bus
•
asserting PValid*
Only one processor read request may be pending at a time. The processor must wait for an external read
response before starting a subsequent read.
The processor moves to slave state after the issue cycle of the read request, by deasserting the PMaster*
signal. An external agent may then return the requested data through a read response. The external agent,
which is now bus master, may issue any number of writes before sending the read response data.
An example of a processor read request and an uncompelled change to slave state occurring as the read
request is issued is illustrated in Figure 11.3.16.
Read
Addr
812
611
10
9
7
5
4
3
2
1
SysAD
Cycle
MasterClock
SysCmd
EOK*
Pvalid*
PMaster*
Master
Slave
Figure 11.3.16 Processor Read Request
The TX4956 support the Read Time Out Function. This function is to detect a time out error when
response data are not returned within a certain time. See chapter 11.3.20 Mode Register of System
Interface (G2SConfig).
11.3.10 External Write Request
External write requests are similar to a processor single write except that the signal EValid* is asserted
instead of the signal PValid*. An external write request consists of the following:
•
an external agent driving a write command on the SysCmd bus and a write address on the
SysAD bus
•
asserting EValid* for one cycle
•
driving a data identifier on the SysCmd bus and data on the SysAD bus
•
asserting EValid* for one cycle.
The data identifier associated with the data cycle must contain a last data cycle indication. Note that the
external agent must gain and maintain bus mastership during these transactions (see EReq* in the Timing
Summary, earlier in this chapter).
An external write request example with the processor initially in master state is illustrated in Figure
11.3.17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com