Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 220 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 220 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 216Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 217Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 218Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 219Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 220Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 221Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 222Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 223Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 224Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 286 page
background image
Chapter 11 TX4956 System Interface
11-52
11.3.11 External Read Response
An external agent returns data to the processor in response to a processor read request by waiting for
the processor to move to slave state. The external agent then returns the data through either a single data
cycle or a series of data cycles sufficient to transmit the requested data. After the last data cycle is issued,
the read response is complete and the processor becomes master (assuming EReq* was not asserted).
If, at the end of the read response cycles, EReq* has been asserted, the processor remains in slave state
until the external agent relinquishes the bus. When the processor is in slave state and needs access to the
SysAD bus, it waits until EReq* is deasserted.
The data identifier associated with a data cycle may indicate that the data transmitted during that cycle
is erroneous; however, an external agent must return a block of data of the correct size regardless of this
erroneous data cycle indication. If a read response includes one or more erroneous data cycles, the
processor takes a bus error.
Read response data must only be delivered to the processor when a processor read request is pending.
The state of the processor is undefined if a read response is presented to it when no processor read is
pending.
An example of a processor single read request followed by a read response is illustrated in Figure
11.3.18.
Figure 11.3.18 Single Read Request Followed By Read Response
A read response example for a processor block read with the system interface already in slave state is
illustrated in Figure 11.3.19.
Figure 11.3.19 Block Read Response, System Interface Already In Slave State
EOD
Data
Read
Addr
8
12
6
11
10
9
7
5
4
3
2
1
SysAD
Cycle
MasterClock
SysCmd
EOK
EValid
PValid
PMaster
Data 7
Data 1
Data 0
EOD
Data
Data
12
16
10
15
14
13
11
4
3
2
1
SysAD
Cycle
MasterClcok
SysCmd
EValid*
PValid*
PMaster*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com