| Electronic Components Datasheet Search |
|
TMPR4956C Datasheet(PDF) 225 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4956C Datasheet(HTML) 225 Page - Toshiba Semiconductor |
|
225 / 286 page ![]() Chapter 11 TX4956 System Interface 11-57 Figure 11.3.28 Consecutive Processor Write Requests Followed By External Write Request Block Read Maximum Rate Maximum block reads can occur with the following data rate: AxW...WxAxW...W (1 cycle between W and A) where A is the address, W is data (four words, or WWWW, in the data cache miss, and 8 words, or WWWWWWWW, in an instruction cache miss), and x is an idle cycle. (When 1 bit of the Mode Register of System Interface (G2SConfig[1]) is set to 1, then 8 words or WWWWWWWW burst read can occur in an data cache miss.) Back-to-Back Instruction Cache Misses With a CPUCLK to MasterClock ratio of 2:1, back-to-back instruction cache misses can be refilled with the following data rate: AxWWWWWWWWxxxxxxAxWWWWWWWW (6 cycles between W and A) That is, the address is followed by an idle cycle, the instruction is executed, six idle cycles occur, followed by the next address. This pattern is valid for the case in which two sequential instructions miss in the instruction cache, each instruction residing on a different cache line. Running completely in uncached space (every instruction is uncached and a cache miss) results in a similar data pattern: AxWxxxxxxAxW (6 cycles between W and A) Back-to-Back Uncached Loads With a CPUCLK to MasterClock ratio of 2:1, back-to-back uncached doubleword loads have the following data rate: AxWWxxxxxxAxWW (6 cycles between W and A) That is, the address is followed by an idle cycle, a doubleword data (2 words data), six idle cycles, and the next address. With a CPUCLK to MasterClock ratio of 2:1, back-to-back uncached word loads have the following data rate: AxWxxxxxxAxW That is, the address is followed by an idle cycle, a word data, six idle cycles, and the next address. EOD EOD EOD Data Data Data Write Write Write Addr Addr1 Addr0 8 6 11 10 9 7 5 4 3 2 1 SysAD Cycle MasterClock SysCmd EReq* EValid* EOK* PValid* PMaster* |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |