Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 229 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 229 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 225Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 226Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 227Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 228Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 229Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 230Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 231Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 232Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 233Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 286 page
background image
Chapter 11 TX4956 System Interface
11-61
Table 11.3.6 Encoding of SysCmd[1:0] for Single Address Requests
SysCmd[1:0]
Data size
0
One byte valid (byte)
1
Two bytes valid (halfword).
2
Three bytes valid (tribyte).
3
Four bytes valid (single word)
The encoding of SysCmd[3:0] for processor data identifiers is described in Table 11.3.7. The encoding
of SysCmd[3:0] for external data identifiers is illustrated in Table 11.3.8.
Table 11.3.7 Encoding of SysCmd[3:0] for Processor Data Identifiers
SysCmd[3]
Last Data Element Indication
0
Last data element
1
Not the last data element
SysCmd[2]
Reserved
SysCmd[1]
Reserved for: Good Data Indication
Processor drives 0
(Data is error free)
SysCmd[0]
Reserved for: Data Checking Enable
Processor drives 1
(Disable data checking)
Table 11.3.8 Encoding of SysCmd[3:0] for External Data Identifiers
SysCmd[3]
Last Data Element Indication
0
Last data element
1
Not the last data element
SysCmd[2]
Response Data Indication
0
Data is response data
1
Data is not response data
SysCmd[1]
Good Data Indication
0
Data is error free
1
Data is erroneous
SysCmd[0]
Reserved for: Data Checking Enable
Processor ignores this field (Suggested drive of 1,
disable data checking)
Note:
External read requests for processor resources are not supported in the TX4956 processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com