Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 233 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 233 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 229Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 230Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 231Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 232Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 233Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 234Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 235Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 236Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 237Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 286 page
background image
Chapter 12 TX4956 Processor Interrupts
12-1
12. TX4956 Processor Interrupts
Five types of interrupt are available on the TX4956. These are:
1.
one non-maskable interrupt, NMI
2.
six external interrupts
3.
seven interrupts by external write through SysAD[6:0]
4.
two software interrupts
5.
one timer interrupt
Figure 12.1.1 shows TX4956 interrupt control circuit.
Note:
Interrupt register can be accessed by external write requeset through system interface.
Please see Chapter 11, “TX4956 System interface” in detail.
Figure 12.1.1 TX4956 Interrupt Control Circuit
Int0*
Int1*
Int2*
Int3*
NMI*
Int4*
Int5*
Interrupt Register
4
3
2
1
0
6
0
1
2
3
4
6
SysAD
16
17
18
19
20
22
5
5
21
Timer Interrupt
L
H
Tint Dis
TX4956 Interrupt
AND
AND-OR
function
1
1
8
8
NMI
IE
External
Interrupts
Nonmaskable
Interrupt
Software
Interrupts
Interrupts
by external write
through
SysAD[6:0]
function
IP7
IP6
IP5
IP4
IP3
IP2
IP1
IP0
H: INT5*
L: Timer Interrupt
15
Cause Register[15:8]
8
IM0
IM1
IM2
IM3
IM4
IM5
IM6
IM7
15
8
EXL
ERL
/SysAD[5]
(Buffer)
Status Register[0]
Status Register[1]
Status Register[2]
Status Register[15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com