Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 237 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 237 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 233Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 234Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 235Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 236Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 237Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 238Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 239Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 240Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 241Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 286 page
background image
Chapter 13 Power-Saving Modes
13-1
13. Power-Saving Modes
The TX4956 has these power-saving modes:
•
Halt mode
•
Doze mode
The TX4956 enters neither Halt nor Doze mode by just programming the Config register. The WAIT instruction
puts the TX4956 in Halt or Doze mode.
13.1 Halt Mode
The Halt mode reduces power consumption by halting the TX4956 almost altogether. In Halt mode, the
internal clocks of the TX49/H4 core within the TX4956 are partially stopped. If the HALT bit in the Config
register is cleared, executing the WAIT instruction in Normal Operation mode causes the TX4956 to enter Halt
mode.
When the TX4956 enters Halt mode, the HALTDOZE signal is asserted. Even when an external agent has
ownership of the SysAD bus, executing the WAIT instruction puts the TX4956 in Halt mode, but the
HALTDOZE signal is asserted after the current bus cycle is completed. If the on-chip write buffer has any store
information, the WAIT instruction puts the TX4956 in Halt mode after it is emptied.
Assertion of Int[5:0]* signal, NMI* signal, ColdReset* signal or Reset* signal brings the TX4956 out of
Halt mode. The TX4956 recognizes the Int[5:0]* signal inputs, irrespective of the settings of the IntMask bits
in the Status register. On a return from Halt mode by NMI* signal, ColdReset* signal, Reset* signal or not
masked Int[5:0]* signals, the TX4956 takes a corresponding exception. At this time, the EPC register points to
the address of the instruction following the WAIT instruction. When the TX4956 is taken out of Halt mode as
the result of a masked Int[5:0]* signal, processing resumes from the instruction following the one that was
being executed when the TX4956 went into Halt mode.
13.2 Doze Mode
The Doze mode is also a software-controlled feature that reduces power consumption of the TX4956. In
Doze mode, the CPU pipeline status is retained and the internal clocks of the TX4956 are not stopped. If the
HALT bit in the Config register is set, executing the WAIT instruction causes the TX4956 to enter Doze mode.
When the TX4956 enters Doze mode, the HALTDOZE signal is asserted. Even when an external agent has
ownership of the SysAD bus, executing the WAIT instruction puts the TX4956 in Doze mode, but the
HALTDOZE signal is asserted after the current bus cycle is completed. If the on-chip write buffer has any store
information, the WAIT instruction puts the TX4956 in Doze mode after it is emptied.
Assertion of Int[5:0]* signal, NMI* signal, ColdReset* signal or Reset* signal brings the TX4956 out of
Doze mode. The TX4956 recognizes the Int[5:0]* signal inputs, irrespective of the settings of the IntMask bits
in the Status register. On a return from Doze mode by NMI* signal, ColdReset* signal, Reset* signal or not
masked Int[3:0]* signal, the TX4956 takes a corresponding exception. At this time, the EPC register points to
the address of the instruction following the WAIT instruction. When the TX4956 is taken out of Doze mode as
the result of a masked Int[5:0]* signal, processing resumes from the instruction following the one that was
being executed when the TX4956 went into Doze mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com