Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 241 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 241 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 237Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 238Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 239Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 240Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 241Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 242Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 243Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 244Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 245Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 286 page
background image
Chapter 14 JTAG Interface
14-3
14.3 JTAG Controller and Registers
The processor contains the following JTAG controller and registers:
•
Instruction register
•
Boundary-scan register
•
Bypass register
•
Device ID Code register
•
Test Access Port (TAP) controller
The basic operation of JTAG is for the TAP controller state machine to monitor the JTMS input signal.
When it occurs, the TAP controller determines the test functionality to be implemented. This includes either
loading the JTAG instruction register (IR), or beginning a serial data scan through a data register (DR), listed in
Table 14.3.1. As the data is scanned in, the state of the JTMS pin signals each new data word, and indicates the
end of the data stream. The data register to be selected is determined by the contents of the Instruction register.
14.3.1
Instruction Register
The JTAG Instruction register includes eight shift register-based cells; this register is used to select the
test to be performed and/or the test data register to be accessed. As listed in
Table 14.3.1, this encoding selects either the Boundary-scan register or the Bypass register or Device
Identification register.
Table 14.3.1 JTAG Instruction Register Bit Encoding
Instruction Code
(MSB
→ LSB)
Instruction
Selected Data Register
00000000(0x00)
EXTEST
Boundary-scan register
00000001(0x01)
SAMPLE/PRELOAD
Boundary-scan register
00000010(0x02)
Reserved
Reserved
00000011(0x03)
IDCODE
Device Identification register
00000100 to 01111111
Reserved
Reserved
10000000 to 11111110
Debug Support Unit
Please refer DSU section
11111111(0xFF)
BYPASS
Bypass register
Figure 14.3.1 shows the format of the Instruction register.
7
6
5
4
3
2
1
0
MSB
LSB
Figure 14.3.1 Instruction Register
The instruction code is shifted out to the Instruction register from the LSB.
Figure 14.3.2 Instruction Register Shift Direction
LSB
JTDO
JTDI
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com