Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 242 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 242 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 238Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 239Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 240Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 241Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 242Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 243Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 244Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 245Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 246Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 286 page
background image
Chapter 14 JTAG Interface
14-4
14.3.2
Bypass Register
The Bypass register is 1 bit wide. When the TAP controller is in the Shift-DR (Bypass) state, the data
on the JTDI pin is shifted into the Bypass register, and the Bypass register output shifts to the JTDO
output pin.
In essence, the Bypass register is a short-circuit which allows bypassing of board-level devices, in the
serial boundary-scan chain, which are not required for a specific test. The logical location of the Bypass
register in the boundary-scan chain is shown in Figure 14.3.3. Use of the Bypass register speeds up access
to boundary-scan registers in those ICs that remain active in the board-level test datapath.
Figure 14.3.3 Bypass Register Operation
JTDO
Board
input
IC package
Board
JTDI
Bypass
register
Boundary-scan register pad cell
Board
output
JTDI
JTDI
JTDO
JTDO
JTDO
JTDI
JTDO
JTDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com