Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 244 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 244 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 240Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 241Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 242Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 243Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 244Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 245Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 246Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 247Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 248Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 286 page
background image
Chapter 14 JTAG Interface
14-6
The Boundary-scan register is a single, 236-bit-wide, shift register-based path containing cells
connected to all input and output pads on the TX4956 processor.
235
0
See BSDL file in detail attached in the production
Figure 14.3.4 Format of the Boundary-scan Register
28 bits (SysEN) of the BSR are JTAG output enables.
205 bits of the BSR are for 117 external signals of the processor.
3 bits of the BSR are for internal signals of the processor.
At the end of this chapter, Table 14.3.2 lists the scan order of these 236 scan bits, starting from JTDI
and ending with JTDO.
The JTDI input is loaded to the MSB of the Boundary Scan register. The LSB of the Boundary Scan
register is retrieved from the JTDO output.
14.3.4
Device Identification Register
The Device Identification register is a 32-bit shift register. It is used to read serially from the IC the
identification code indicating the IC manufacturer, product number, and version.
The following shows the Device Identification register structure.
31
28 27
12 11
1
0
Version
Product number
manufacturer
identification code
1
4 bits
16 bits
11 bits
Figure 14.3.5 Device Identification Register
The TX4956 device identification code is 0x0002c031.
The device identification code is shifted out starting from the LSB.
Figure 14.3.6 Devide Identification Register shift Direction
LSB
JTDO
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com