| Electronic Components Datasheet Search |
|
TMPR4956C Datasheet(PDF) 243 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4956C Datasheet(HTML) 243 Page - Toshiba Semiconductor |
|
243 / 286 page ![]() Chapter 14 JTAG Interface 14-5 14.3.3 Boundary-Scan Register(BSR) Table 14.3.2 shows the boundary scan order of the processor signals. Table 14.3.2 TX4956 JTAG Boundary-Scan Ordering [JTDI] 1: BufSel 2: SysAD[32] in 3: SysAD[32] out 4: SysAD[33] in 5: SysAD[33] out 6: SysEN1 7: SysAD[34] in 8: SysAD[34] out 9: SysAD[35] in 10: SysAD[35] out 11: SysAD[4] in 12: SysAD[4] out 13: SysAD[5] in 14: SysAD[5] out 15: SysEN2 16: SysAD[6] in 17: SysAD[6] out 18: SysAD[7] in 19: SysAD[7] out 20: SysAD[8] in 21: SysAD[8] out 22: SysAD[9] in 23: SysAD[9] out 24: SysEN3 25: SysAD[10] in 26: SysAD[10] out 27: SysAD[11] in 28: SysAD[11] out 29: SysAD[12] in 30: SysAD[12] out 31: SysAD[13] in 32: SysAD[13] out 33: SysEN4 34: SysAD[14] in 35: SysAD[14] out 36: SysAD[36] in 37: SysAD[36] out 38: SysAD[15] in 39: SysAD[15] out 40: SysAD[37] in 41: SysAD[37] out 42: SysEN5 43: SysAD[38] in 44: SysAD[38] out 45: PCST[3) 46: PCST[2] in 47: PCST[2] out 48: SysAD[39] in 49: SysAD[39] out 50: SysEN6 51: PCST[1] in 52: PCST[1] out 53: PCST[0] in 54: PCST[0] out 55: SysAD[40] in 56: SysAD[40] out 57: SysEN7 58: SysAD[41] in 59: SysAD[41] out 60: SysAD[42] in 61: SysAD[42] out 62: RdRdy* 63: WrRdy* 64: SysADC[6] in 65: SysADC[6] out 66: SysEN8 67: ValidIn* 68: ValidOut* 69: SysADC[7] in 70: SysADC[7] out 71: Release* 72: BSIZE64* 73: PLLReset* 74: TintDis 75: SysCmd[0] in 76: SysCmd[0] out 77: SysEN9 78: SysCmd[1] in 79: SysCmd[1] out 80: SysCmd[2] in 81: SysCmd[2] out 82: SysCmd[3] in 83: SysCmd[3] out 84: SysEN10 85: SysCmd[4] in 86: SysCmd[4] out 87: SysCmd[5] in 88: SysCmd[5] out 89: SysEN11 90: SysCmd[6] in 91: SysCmd[6] out 92: SysCmd[7] in 93: SysCmd[7] out 94: SysEN12 95: SysCmd[8] in 96: SysCmd[8] out 97: SysCmdP in 98: SysCmdP out 99: HALTDOZE 100: Int[0]* 101: Int[1]* 102: Int[2]* 103: Int[3]* 104: Int[4]* 105: Int[5]* 106: SysADC[5] in 107: SysADC[5] out 108: SysADC[4] in 109: SysADC[4] out 110: SysEN13 111: TPC[3] in 112: TPC[3] out 113: SysAD[43] in 114: SysAD[43] out 115: SysEN14 116: TPC[2] in 117: TPC[2] out 118: TPC[1] in 119: TPC[1] out 120: DCLK 121: NMI* 122: SysAD[44] in 123: SysAD[44] out 124: ExtRqst* 125: SysAD[45] in 126: SysAD[45] out 127: SysEN15 128: Reset* 129: SysAD[46] in 130: SysAD[46] out 131: ColdReset* 132: SysAD[47] in 133: SysAD[47] out 134: SysAD[48] in 135: SysAD[48] out 136: SysEN16 137: Endian 138: SysAD[49] in 139: SysAD[49] out 140: SysAD[16] in 141: SysAD[16] out 142: SysAD[17] in 143: SysAD[17] out 144: SysEN17 145: SysAD[18] in 146: SysAD[18] out 147: SysAD[19] in 148: SysAD[19] out 149: SysAD[20] in 150: SysAD[20] out 151: SysAD[21] in 152: SysAD[21] out 153: SysEN18 154: SysAD[22] in 155: SysAD[22] out 156: SysAD[23] in 157: SysAD[23] out 158: SysAD[24] in 159: SysAD[24] out 160: SysAD[25] in 161: SysAD[25] out 162: SysAD[50] in 163: SysAD[50] out 164: SysEN19 165: SysAD[26] in 166: SysAD[26] out 167: SysEN20 168: SysAD[51] in 169: SysAD[51] out 170: SysAD[27] in 171: SysAD[27] out 172: SysAD[52] in 173: SysAD[52] out 174: MODE43* 175: SysAD[53] in 176: SysAD[53] out 177: DivMode[1] 178: SysAD[54] in 179: SysAD[54] out 180: SysEN21 181: DivMode[0] 182: SysAD[55] in 183: SysAD[55] out 184: SysAD[28] in 185: SysAD[28] out 186: SysEN22 187: SysAD[29] in 188: SysAD[29] out 189: SysAD[56] in 190: SysAD[56] out 191: SysAD[57] in 192: SysAD[57] out 193: SysEN23 194: SysAD[58] in 195: SysAD[58] out 196: SysAD[30] in 197: SysAD[30] out 198: SysEN24 199: SysAD[59] in 200: SysAD[59] out 201: SysAD[60] in 202: SysAD[60] out 203: SysEN25 204: SysAD[61] in 205: SysAD[61] out 206: SysAD[31] in 207: SysAD[31] out 208: SysADC[2] in 209: SysADC[2] out 210: SysADC[3] in 211: SysADC[3] out 212: SysEN26 213: SysADC[0] in 214: SysADC[0] out 215: SysADC[1] in 216: SysADC[1] out 217: SysAD[0] in 218: SysAD[0] out 219: SysAD[1] in 220: SysAD[1] out 221: SysEN27 222: SysAD[2] in 223: SysAD[2] out 224: SysAD[3] in 225: SysAD[3] out 226: PCST[8] 227: PCST[7] 228: PCST[6] 229: PCST[5] 230: PCST[4] 231: SysAD[62] in 232: SysAD[62] out 233: SysEN28 234: SysAD[63] in 235: SysAD[63] out 236: DivMode[2] [JTDO] Note: MasterClock does not support scan registers. Bidirectional signals have eahch pair of scan registers. ColdReset*, Reset* and BuSel signals are handled as internal signals. Figure 14.3.4 shows the Boundary-scan register. The Boundary-scan register includes all of the inputs and outputs of the TX4956 processor, except some clock and phase lock loop signals. The pins of the TX4956 chip can be configured to drive any arbitrary pattern by scanning into the Boundary-scan register from the Shift-DR state. Incoming data to the processor is examined by shifting while in the Capture-DR state with the Boundary-scan register enabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |