Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 240 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 240 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 236Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 237Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 238Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 239Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 240Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 241Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 242Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 243Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 244Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 286 page
background image
Chapter 14 JTAG Interface
14-2
14.2 Signal Summary
The JTAG interface signals are listed below and shown in Figure 14.2.1.
•
JTDI
JTAG serial data in
•
JTDO
JTAG serial data out
•
JTMS
JTAG test mode select
•
JTCK
JTAG serial clock input
•
TRST*
JTAG test reset input
Figure 14.2.1 JTAG Interface Signals and Registers
The JTAG boundary-scan mechanism (referred to in this chapter as JTAG mechanism) allows testing of the
connections between the processor, the printed circuit board to which it is attached, and the other components
on the circuit board.
The JTAG mechanism does not provide any capability for testing the processor itself.
70
Instruction register
TAP Controller
0
Bypass register
0
235
Boundary-scan register
31
0
Device Identification register
JTDI pin
JTDO pin
JTMS pin
JTCK pin
TRST* pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com