Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 239 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 239 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 235Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 236Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 237Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 238Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 239Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 240Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 241Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 242Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 243Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 286 page
background image
Chapter 14 JTAG Interface
14-1
14. JTAG Interface
The TX4956 processor provides a boundary-scan interface that is compatible with Joint Test Action Group
(JTAG) specifications, using the industry-standard JTAG protocol (IEEE Standard 1149.1/D6).
This chapter describes that interface, including descriptions of boundary scanning, the pins and signals used by
the interface, and the Test Access Port (TAP).
Note:
When performing a JTAG operation, be sure to run the MasterClock before and after a reset
operation to properly release the processor reset.
14.1 What Boundary Scanning Is
With the evolution of ever-denser integrated circuits (ICs), surface-mounted devices, double-sided
component mounting on printed-circuit boards (PCBs), and buried vias, in-circuit tests that depend upon
making physical contact with internal board and chip connections have become more and more difficult to use.
The greater complexity of ICs has also meant that tests to fully exercise these chips have become much larger
and more difficult to write.
One solution to this difficulty has been the development of boundary-scan circuits. A boundary-scan circuit
is a series of shift register cells placed between each pin and the internal circuitry of the IC to which the pin is
connected, as shown in Figure 14.1.1. Normally, these boundary-scan cells are bypassed; when the IC enters
test mode, however, the scan cells can be directed by the test program to pass data along the shift register path
and perform various diagnostic tests. To accomplish this, the tests use the four signals described in the next
section: JTDI, JTDO, JTMS, JTCK, and TRST*.
Figure 14.1.1 JTAG Boundary-scan Cells
Integrated Circuit
IC package pin
Boundary-scan cells



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com