Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 238 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 238 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 234Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 235Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 236Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 237Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 238Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 239Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 240Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 241Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 242Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 286 page
background image
Chapter 13 Power-Saving Modes
13-2
13.3 Status Shifts
Figure 13.3.1 shows the status shifts in the operation mode of the TX4956.
Figure 13.3.1 Status Shift Among Normal Operation Mode and Low Power Consumption Modes
When operation status shifts from the normal operation mode to the halt mode, it is returned to the normal
operation mode by an interrupt or a reset. Similarly, when it shifts from the normal operation mode to the doze
mode, it is returned to the normal operation mode by an interrupt or a reset. After a reset, the TX4956 is
initialized to the normal operation mode.
Power-On-Reset
any of Int[5:0]* is set to 0
or
NMI* = 0
or
ColdReset* = 0
or
Reset* = 0
HALT bit = 1 & WAIT inst
HALT bit = 0 & WAIT inst.
Halt
Mode
Norma
Operation
Mode
Doze
Mode
any of Int[5:0]* is set to 0
or
NMI* = 0
or
ColdReset* = 0
or
Reset* = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com