Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 249 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 249 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 245Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 246Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 247Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 248Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 249Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 250Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 251Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 252Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 253Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 286 page
background image
Chapter 14 JTAG Interface
14-11
•
Exit 1-IR
This is a temporary controller state.
When the controller is in this state, then it moves to either the Pause-IR state if JTMS is held low,
or the Update-IR state if JTMS is held high.
•
Pause-IR
This state allows the shifting of the instruction register to be temporarily suspended. Both the
instruction register and the data register retain their current states.
When the controller is in this state, it remains in the Pause-IR state if JTMS is held low, or
moves to the Exit2-IR state if JTMS is held high.
•
Exit 2-IR
This is a temporary controller state.
When the controller is in this state, it moves to either the Shift-IR state if JTMS is held low, or
the Update-IR state if JTMS is held high.
•
Update-IR
This state allows the instruction previously shifted into the instruction register to be output in
parallel on the rising edge of JTCK. Then it becomes the current instruction, setting a new
operational mode.
When the controller is in this state, it moves to either the Run-Test/Idle state if JTMS is low, or
the Select-DR-Scan state if JTMS is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com