Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 253 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 253 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 249Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 250Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 251Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 252Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 253Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 254Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 255Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 256Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 257Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 286 page
background image
Chapter 15 CPU Instruction Set Summary
15-1
15. CPU Instruction Set Summary
15.1 Introduction
Each instruction is 32 bits long. These instructions are upward compatible with the MIPS I, II and III
instruction set architecture.
15.2 Instruction Format
There are three instruction formats: Immediate (I-type), Jump (J-type) and Register (R-type), as shown in
Figure 15.2.1. Having just three instruction formats simplifies instruction decoding. If more complex functions
or addressing modes are required, they can be produced with the compiler using combinations of the
instructions.
Immediate (I-type)
31
26
25
21
20
16
15
0
op
rs
rt
immediate
Jump (J-type)
31
26
25
0
op
target
Register (R-type)
31
26
25
21
20
16
15
11
10
6
5
0
op
rs
rt
rd
sa
funct
op
Operation code (6 bits)
rs
Source register (5 bits)
rt
Target (source or destination) register, or branch condition (5 bits)
rd
Destination register (5 bits)
immediate
Immediate, branch displacement, address displacement (16 bits)
target
Branch target address (26 bits)
sa
Shift amount (5 bits)
funct
Function (6 bits)
Figure 15.2.1 Instruction Formats and Subfield Mnemonics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com