Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 255 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 255 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 251Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 252Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 253Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 254Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 255Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 256Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 257Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 258Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 259Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 286 page
background image
Chapter 15 CPU Instruction Set Summary
15-3
15.3.2
Computational Instructions (Table 15.3.2)
Computational instructions perform arithmetic, logical or shift operations on values in registers. This
instruction format can be R-type or I-type. With R-type instructions, the one or two source operands are
computed and its result is saved to one destination register. With I-type instructions, one of the operands is
16-bit immediate data. Computational instructions can be classified as follows.
•
ALU immediate
•
Three-operand register-type
•
Shift
•
Multiply/Divide
Table 15.3.2 CPU Instruction Set: Computational Instructions
Instruction
Description
Note
(ALU Immediate)
ADDI
Add Immediate
MIPS I
ADDIU
Add Immediate Unsigned
MIPS I
SLTI
Set on Less Than Immediate
MIPS I
SLTIU
Set on Less Than Immediate Unsigned
MIPS I
ANDI
AND Immediate
MIPS I
ORI
OR Immediate
MIPS I
XORI
Exclusive OR Immediate
MIPS I
LUI
Load Upper Immediate
MIPS I
DADDI
Doubleword Add Immediate
MIPS III
DADDIU
Doubleword Add Immediate Unsigned
MIPS III
(ALU 3-Operand, register type)
ADD
Add
MIPS I
ADDU
Add Unsigned
MIPS I
SUB
Subtract
MIPS I
SUBU
Subtract Unsigned
MIPS I
SLT
Set on Less Than
MIPS I
SLTU
Set on Less Than Unsigned
MIPS I
AND
AND
MIPS I
OR
OR
MIPS I
XOR
Exclusive OR
MIPS I
NOR
NOR
MIPS I
DADD
Doubleword Add
MIPS III
DADDU
Doubleword Add Unsigned
MIPS III
DSUB
Doubleword Subtract
MIPS III
DSUBU
Doubleword Subtract Unsigned
MIPS III
(Shift)
SLL
Shift Left Logical
MIPS I
SRL
Shift Right Logical
MIPS I
SRA
Shift Right Arithmetic
MIPS I
SLLV
Shift Left Logical Variable
MIPS I
SRLV
Shift Right Logical Variable
MIPS I
SRAV
Shift Right Arithmetic Variable
MIPS I
DSLL
Doubleword Shift Left Logical
MIPS III
DSRL
Doubleword Shift Right Logical
MIPS III
DSRA
Doubleword Shift Right Arithmetic
MIPS III
DSLLV
Doubleword Shift Left Logical Variable
MIPS III
DSRLV
Doubleword Shift Right Logical Variable
MIPS III



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com