Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 256 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 256 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 252Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 253Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 254Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 255Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 256Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 257Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 258Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 259Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 260Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 286 page
background image
Chapter 15 CPU Instruction Set Summary
15-4
Instruction
Description
Note
DSRAV
Doubleword Shift Right Arithmetic Variable
MIPS III
DSLL32
Doubleword Shift Left Logical
+32
MIPS III
DSRL32
Doubleword Shift Right Logical
+32
MIPS III
DSRA32
Doubleword Shift Right Arithmetic
+32
MIPS III
(Multiply and Divide)
MULT
Multiply
MIPS I
MULTU
Multiply Unsigned
MIPS I
DIV
Divide
MIPS I
DIVU
Divide Unsigned
MIPS I
MFHI
Move From HI
MIPS I
MTHI
Move To HI
MIPS I
MFLO
Move From LO
MIPS I
MTLO
Move To LO
MIPS I
DMULT
Doubleword Multiply
MIPS III
DMULTU
Doubleword Multiply Unsigned
MIPS III
DDIV
Doubleword Divide
MIPS III
DDIVU
Doubleword Divide Unsigned
MIPS III
15.3.3
Jump and Branch Instructions (Table 15.3.3)
Jump and branch instructions change the control flow of a program. All jump and branch instructions
occur with a delay of one instruction: that is, the instruction immediately following the jump or branch
(this is known as the instruction in the delay slot) always executes while the target instruction is being
fetched from storage. Branch-likely instructions are used for static branch prediction. The instruction in
the delay slot is executed only when the branch is taken; the instruction in the delay slot is nullified if the
branch is not taken.
Table 15.3.3 CPU Instruction Set: Jump and Branch Instructions
Instruction
Description
Note
J
Jump
MIPS I
JAL
Jump And Link
MIPS I
JR
Jump Register
MIPS I
JALR
Jump And Link Register
MIPS I
BEQ
Branch on Equal
MIPS I
BNE
Branch on Not Equal
MIPS I
BLEZ
Branch on Less Than or Equal to Zero
MIPS I
BGTZ
Branch on Greater Than Zero
MIPS I
BLTZ
Branch on Less Than Zero
MIPS I
BGEZ
Branch on Greater than or Equal to Zero
MIPS I
BLTZAL
Branch on Less Than Zero And Link
MIPS I
BGEZAL
Branch on Greater than or Equal to Zero And Link
MIPS I
BEQL
Branch on Equal Likely
MIPS II
BNEL
Branch on Not Equal Likely
MIPS II
BLEZL
Branch on Less Than or Equal to Zero Likely
MIPS II
BGTZL
Branch on Greater Than Zero Likely
MIPS II
BLTZL
Branch on Less Than Zero Likely
MIPS II
BGEZL
Branch on Greater Than or Equal to Zero Likely
MIPS II
BLTZALL
Branch on Less Than Zero And Link Likely
MIPS II
BGEZALL
Branch on Greater Than or Equal to Zero And Link Likely
MIPS II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com