Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 252 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 252 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 248Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 249Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 250Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 251Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 252Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 253Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 254Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 255Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 256Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 286 page
background image
Chapter 14 JTAG Interface
14-14
14.4.3
The BYPASS Instruction
This instruction targets the bypass register between JTDI and JTDO. The Bypass register provides a
minimum length serial path through the IC (or between JTDI and JTDO) when the IC is not required for
the current test. The BYPASS instruction does not cause interference to the normal operation of the
on-chip system logic. The flow of data through the Bypass register while the BYPASS instruction is
selected is shown in Figure 14.4.4.
Figure 14.4.4 Test Data Flow While the Bypass Instruction is Selected
14.4.4
The IDCODE Instruction
This instruction targets the device identification register between JTDI and JTDO to identify
manufacturer identity, product number, and version number.
JTDO
JTDI
Bypass Register
1-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com