Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 271 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 271 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 267Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 268Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 269Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 270Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 271Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 272Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 273Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 274Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 275Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 286 page
background image
Chapter16 FPU Instruction Set Details
16-7
In the following pages, the notation FGR refers to the FPU’s 32 General-Purpose Registers FGRO through
FGR31, and FPR refers to the FPU’s Floating-Point Registers. When the FR bit in the Status register (SR26)
equals zero, only the even Floating-Point Registers are valid and the FPU’s 32 General-Purpose Registers are
32-bits wide. When the FR bit in the Status register (SR26) equals one, both odd and even Floating-Point
Registers may be used and the FPU’s 32 General-Purpose Registers are 64-bits wide.
The following routines are used in the description of the floating-point operations to get the value of an FPR
or to change the value of an FGR:
32 Bit Mode
value < - - ValueFPR (fpr, fmt)
/* undefined for odd fpr */
case fmt of
S, W:
value < - - FGR[fpr
+ 0]
D:
/* undefined for fpr not even */
value < - - FGR[fpr
+ 1]⎥ ⎢FGR[fpr + 0]
end
StoreFPR (fpr, fmt, value):
/* undefined for odd fpr */
case fmt of
S, W:
FGR[fpr
+ 1] < - - undefined
FGR[fpr
+ 0] < - - value
D:
FGR[fpr
+ 1] < - - value63:32
FGR[fpr
+ 0] < - - value31:0
end
64 Bit Mode
value < - - ValueFPR (fpr, fmt)
case fmt of
S:
value < - - FGR[fpr]31:0
D, L:
value < - - FGR[fpr]
W:
value < - - FGR[fpr]
end
StoreFPR (fpr, fmt, value):
case fmt of
S, W:
FGR[fpr] < - - undefined
32
⎥ ⎢value
D, L:
FGR[fpr] < - - value
end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com