Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 267 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 267 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 263Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 264Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 265Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 266Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 267Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 268Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 269Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 270Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 271Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 286 page
background image
Chapter16 FPU Instruction Set Details
16-3
•
conversion between fixed-point and floating-point format
•
conversion between single-precision and double-precision floating-point formats
•
floating-point comparision.
These operations satisfy IEEE Standard 754’s requirements for accuracy. Specifically, these operations
obtain a result which is identical to performing the result with infinite precision and then rounding to the
specified format, using the current rounding mode.
Instructions must specify the certain format of their operands. Only the format conversion instructions
support mixed format operations.
16.3 Load and Store Instructions
In the TX49, the instruction immediately following a load may use the contents of the register loaded. In
such cases, the hardware will interlock, requiring additional real cycles, so scheduling load delay slots is still
desirable, although not absolutely required for functional code.
When the FR bit in the Status register equals zero, the Floating-Point General Registers (FGR) are 32-bits
wide. When the FR bit in the Status register equals one, the Floating-Point General Registers (FGR) are 64-bits
wide. The behavior of the load/store instructions in dependent on the width of the FGRs.
In the load/store operation descriptions, the functions listed in Table 16.3.1 are used to summarize the
handling of virtual addresses and physical memory.
Table 16.3.1 Load/Store Common Functions
Function
Meaning
AddressTranslation
Uses the TLB to find the physical address given the virtual address. The function fails and an exception
is taken if the required translation is not present in the TLB.
LoadMemory
Uses the cache and main memory to find the contents of the word containing the specified physical
address. The low-order two bits of the address and the access type field indicates which of each of the
four bytes within the data word need to be returned. If the cache is enabled for this access, the entire
wordis returned and loaded into the cache.
StoreMemory
Uses the cache, write buffer and main memory to store the word or part of word specified as data in the
word containing the specified physical address. The low-order two bits of the address and the access
type field indicates which of each of the four bytes within the data word should be stored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com