Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 269 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 269 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 265Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 266Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 267Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 268Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 269Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 270Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 271Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 272Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 273Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 286 page
background image
Chapter16 FPU Instruction Set Details
16-5
16.4 Computational Instructions
Computational instructions include all of the arithmetic floating-point operations performed by the FPU.
Figure 16.4.1 shows the R-Type instruction format used for computational operations.
R-Type (Register)
fd
fs
function
COP1
fmt
ft
5
6
10
11
15
16
20
21
25
6
26
31
0
5
5
5
5
6
where:
COP1
is a 6-bit major operation code
fmt
is a 5-bit format specifier
fs
is a 5-bit source1 register
ft
is a 5-bit source2 register
fd
is a 5-bit destination register
function
is a 6-bit function field
Figure 16.4.1 Computational Instruction Format
Each floating-point instruction can be applied to a number of operand formats. The operand format for an
instruction is specified by the 5-bit fmt field; decoding for this field is shown in Table 16.4.1.
Table 16.4.1 Format Field Decoding
Code
Mnemonic
Size
Format
16
S
single
Binary floating-point
17
D
double
Binary floating-point
18
Reserved
19
Reserved
20
W
single
32-bit binary fixed-point
21
L
longword
64-bit binary fixed-point
22 to 31
Reserved
The function indicates which floating-point operation is to be performed. Table 16.4.2 lists all floating-point
instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com