| Electronic Components Datasheet Search |
|
TMPR4956C Datasheet(PDF) 263 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4956C Datasheet(HTML) 263 Page - Toshiba Semiconductor |
|
263 / 286 page ![]() Chapter 15 CPU Instruction Set Summary 15-11 MAC Function 31 26 5 0 OPcode = MAC MAC Function [5:3] [2:0] 0 1 2 3 4 5 6 7 0 MADD MADDU γ γ γ γ γ γ 1 γ γ γ γ γ γ γ γ 2 γ γ γ γ γ γ γ γ 3 γ γ γ γ γ γ γ γ 4 γ γ γ γ γ γ γ γ 5 γ γ γ γ γ γ γ γ 6 γ γ γ γ γ γ γ γ 7 γ γ γ γ γ γ γ γ Key : *: This opcode is reserved for future use. An attempt to execute it causes a Reserved Instruction exception. γ: This opcode is reserved for future use. An attempt to execute it causes a Reserved Instruction exception. λ: This opecode indicates an instruction class. The instruction word must be further decoded by examining additional tables that show the values for another instruction field. α: This opcode is a coprocessor operation, not a CPU operation. If the processor state does not allow access to the specified coprocessor, the instruction causes a Coprocessor Unusable exception. It is included in the table because it uses a primary opecode in the instruction encodeing map. φ: This opcode is reserved for future use, but does not cause a Reserved Instruction exception in TX4956 implementations. It is treated as “NOP”. θ: This opcode is valid when BC is only selected in COPz rs; In other case, it causes a Reserved Instruction exception. ε: This opcode is valid when the processor is operating either in the Kernel mode or in the 64-bit non-Kernel (User or Supervisor) mode; In other case, it causes a Reserved Instruction exception. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |