Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38FG Datasheet(PDF) 101 Page - Toshiba Semiconductor

Part # TMP88CS38FG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38FG Datasheet(HTML) 101 Page - Toshiba Semiconductor

Back Button TMP88CS38FG Datasheet HTML 97Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 98Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 99Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 100Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 101Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 102Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 103Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 104Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 105Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-101
(5) Restart
Restart is used to change the direction of data transfer between a master device and
a slave device during transferring data. The following explains how to restart a serial
bus interface circuit.
Clear “0” to the MST, TRX and BB and set “1” to the PIN. The SDA pin retains the
high level and the SCL pin is released. Since a stop condition is not generated on a bus,
a bus is assumed to be in a busy state from other devices. Test the BB until it becomes
“0” to check that the SCL pin a serial bus interface circuit is released. Test the LRB
until it becomes “1” to check that the SCL line on a bus is not pulled down to the low
level by other devices. After confirming that a bus stays in a free state, generate a start
condition with procedure (2).
In order to meet setup time when restarting, take at least 4.7
μs of waiting time by
software from the time of restarting to confirm that a bus is free until the time to
generate a start condition.
Note:
When restarting after receiving in master receiver mode, because the divice doesn’t
send an acknowledgement as a last data, the level of SCL line can not be
conrirmied by reading LRB. Therefore, confirm the status of SCL line by reading
P5PRD register.
Figure 2.9.18 Timing Diagram when Restarting
Start condition
SDA (Pin)
SCL (Pin)
“0”
→ MST
“0”
→ TRX
“0”
→ BB
“1”
→ PIN
SCL (Bus)
LRB
BB
PIN
“1”
→ MST
“1”
→ TRX
“1”
→ BB
“1”
→ PIN
4.7
μs (Min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com