Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 64 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 64 Page - Bosch Sensortec GmbH

Back Button BMI160 Datasheet HTML 60Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 61Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 62Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 63Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 64Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 65Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 66Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 67Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 68Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 114 page
background image
BMI160
Data sheet
Page 64
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
2.11.18 Register (0x4B-0x4F) MAG_IF
ADDRESS 0x4B (5 byte)
RESET
[0]: 0b0010-0000
[1]: 0b1000-0000
[2]: 0b0100-0010
[3]: 0b0100-1100
[4]: 0b0000-0000
MODE RW
DESCRIPTION Register for indirect addressing of the magnetometer connected to the
magnetometer interface. This register allows read and write operations on the magnetometer
register map. In addition it is used to setup the read loop for the magnetometer data. Setup and
read loop are exclusive to each other, i.e. during the read loop no registers in the magnetometer
may be accessed.
DEFINITION
Register (0x4B-0x4F) MAG_IF [0] bit definition
7:1
I2C device address
0
reserved
Register (0x4B-
0x4F) MAG_IF [1]
bit definition
Acronym
7
mag_manual_en
Enable magnetometer register access on
MAG_IF[2] (read operations) or MAG_IF[3] (write
operations). This implies that the Register (0x04-
0x17) DATA are not updated with magnetometer
values. Accessing magnetometer requires the
magnetometer in normal mode in Register (0x03)
PMU_STATUS.
6
reserved
<5:2>
mag_offset
Trigger-readout offset in units 2.5 ms. If set to
zero, the offset is maximum, i.e. after readout a
trigger is issued immediately.
<1:0>
mag_rd_burst
Data length of read burst operation, which reads
out data from magnetometer
(0b00=1,0b01=2,0b10=6,0b11=8 byte).
Register
Setup mode
Trigger and Readout mode
MAG_IF[2]
Address to read
Address to read
MAG_IF[3]
Address to write
Address to write
MAG_IF[4]
Data to write
Data to write
2.11.19 Register (0x50-0x52) INT_EN
ADDRESS 0x50 (3 byte)
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com