Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 14 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 14 Page - Bosch Sensortec GmbH

Back Button BMI160 Datasheet HTML 10Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 11Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 12Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 13Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 14Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 15Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 16Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 17Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 18Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 114 page
background image
BMI160
Data sheet
Page 14
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
2.2.2 Fast start-up mode (gyroscope only )
In fast start-up mode the sensing analog part is powered down, while the drive and the digital
part remains largely operational. No data acquisition is performed. The latest rate data and the
content of all configuration registers are kept. The fast start-up mode allows a fast transition
(≤10 ms) into normal mode while keeping power consumption significantly lower than in normal
mode.
2.2.3 Transitions between power modes
The table below for the power modes of gyroscope and accelerometer shows which power mode
combinations are supported by BMI160.
With regard to the below diagram, transitions between power modes are only allowed in horizontal
or vertical direction. Transitions in diagonal direction are not supported.
Table 7: Typical total current consumption in µA according to accel/gyro modes
Current consumption in µA
Accelerometer Mode
Suspend
Normal
Low Power
Gyroscope
Mode
Suspend
3
180
See Table 8
Fast Start-up
500
580
n.a.
Normal
850
925
n.a.
The power mode setting can be configures independently from the output data rate set. The main
difference between normal and low power mode is the power consumption as shown in the figure
below. If the sleep time between two configured sampling intervals becomes too short to duty
cycle between suspend and normal mode, the accelerometer stays automatically in normal mode.
In order to make the transition between low power and normal mode as transparent as possible,
an undersampling mode is defined in such a way that it mimics the behavior of the lower data rate
in low power mode in normal mode. The low power mode then only switches clock sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com