Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 34 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 34 Page - Bosch Sensortec GmbH

Back Button BMI160 Datasheet HTML 30Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 31Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 32Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 33Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 34Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 35Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 36Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 37Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 38Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 114 page
background image
BMI160
Data sheet
Page 34
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
Note that the sensor measures the direction of the force which needs to be applied to keep the
sensor at rest (i.e. opposite direction than g itself).
Looking at the phone from frontside / portrait upright corresponds to the following angles:
������ = 90° , ������ = 270°
The orientation value is stored in the output register int_orient in Register (0x1C-0x1F)
INT_STATUS. There are three orientation calculation modes: symmetrical, high-asymmetrical
and low-asymmetrical. The mode is selected by the register int_orient_mode in Register (0x65-
0x66) INT_ORIENT as follows:
Table 14: Orientation mode
orient_mode
Orientation mode
00
Symmetrical
01
High asymmetrical
10
Low asymmetrical
11
Symmetrical
The register int_orient has the following meanings depending on the switching mode:
Table 15: Symmetrical mode
orient
Name
Angle
Condition
x00
landscape left
315°<phi<45°
|acc_y/acc_x|<1 && acc_x≥0
x01
landscape right
135°<phi<225°
|acc_y/acc_x|<1 && acc_x<0
x10
portrait upside down 45°<phi<135°
|acc_y/acc_x|≥1 && acc_y<0
x11
portrait upright
225°<phi<315°
|acc_y/acc_x|≥1 && acc_y≥0
Table 16: High asymmetrical mode
orient
Name
Angle
Condition
x00
landscape left
297°<phi<63°
|acc_y/acc_x|<2 && acc_x≥0
x01
landscape right
117°<phi<243°
|acc_y/acc_x|<2 && acc_x<0
x10
portrait upside down 63°<phi<117°
|acc_y/acc_x|≥2 && acc_y<0
x11
portrait upright
243°<phi<297°
|acc_y/acc_x|≥2 && acc_y≥0
Table 17: Low asymmetrical mode
orient
Name
Angle
Condition
x00
landscape left
333°<phi<27°
|acc_y/acc_x|<0.5 && acc_x≥0
x01
landscape right
153°<phi<207°
|acc_y/acc_x|<0.5 && acc_x<0
x10
portrait upside down 27°<phi<153°
|acc_y/acc_x|≥0.5 && acc_y<0
x11
portrait upright
207°<phi<333°
|acc_y/acc_x|≥0.5 && acc_y≥0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com