Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 3 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 3 Page - Bosch Sensortec GmbH

  BMI160 Datasheet HTML 1Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 2Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 3Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 4Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 5Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 6Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 7Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 8Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 114 page
background image
BMI160
Data sheet
Page 3
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
General Description
The BMI160 is an inertial measurement unit (IMU) consisting of a state-of-the-art 3-axis, low-g
accelerometer and a low power 3-axis gyroscope. It has been designed for low power, high
precision 6-axis and 9-axis applications in mobile phones, tablets, wearable devices, remote
controls, game controllers, head-mounted devices and toys. The BMI160 is available in a compact
14-pin 2.5 × 3.0 × 0.83 mm3 LGA package. When accelerometer and gyroscope are in full
operation mode, power consumption is typically 925 µA, enabling always-on applications in
battery driven devices. The BMI160 offers a wide VDD voltage range from 1.71V to 3.6V and a
VDDIO range from 1.2V to 3.6V, allowing the BMI160 to be powered at 1.8V for both VDD and VDDIO.
Due to its built-in hardware synchronization of the inertial sensor data and its ability to synchronize
data of external devices such as geomagnetic sensors, BMI160 is ideally suited for augmented
reality, gaming and navigation applications, which require highly accurate sensor data fusion. The
BMI160 provides high precision sensor data together with the accurate timing of the
corresponding data. The timestamps have a resolution of only 39 µs.
Further Bosch Sensortec sensors, e.g. geomagnetic (BMM150) can be connected as slave via a
secondary I2C interface. In this configuration, the BMI160 controls the data acquisition of the
external sensor and the synchronized data of all sensors is stored the register data and can be
additionally stored in the built-in FIFO.
The integrated 1024 byte FIFO buffer supports low power applications and prevents data loss in
non-real-time systems. The intelligent FIFO architecture allows dynamic reallocation of FIFO
space for accelerometer, gyroscope and external sensors, respectively. For typical 6-DoF
applications, this is sufficient for approx. 0.75 s of data capture. In a typical 9-DoF application –
including the geomagnetic sensor – this is sufficient for approx. 0.5 s.
Like its predecessors, the BMI160 features an on-chip interrupt engine enabling low-power
motion-based gesture recognition and context awareness. Examples of interrupts that can be
issued in a power efficient manner are: any- or no-motion detection, tap or double tap sensing,
orientation detection, free-fall or shock events. The BMI160 is Android 5.0 (Lollipop) compatible,
and in the implementation of the Significant Motion and Step Detector interrupts, each consumes
less than 30µA.
The smart built-in power management unit (PMU) can be configured, for example, to further lower
the power consumption by automatically sending the gyroscope temporarily into fast start-up
mode and waking it up again by internally using the any-motion interrupt of the accelerometer. By
allowing longer sleep times of the host, the PMU contributes to significant further power saving
on system level.
Besides the flexible primary interface (I2C or SPI) that is used to connect to the host, BMI160
provides an additional secondary interface. This secondary interface can be used in SPI mode
for OIS (optical image stabilization) applications in conjunction with camera modules, or in
advanced gaming use cases. When connected to a geomagnetic sensor, BMI160 will trigger
autonomous read-out of the sensor data from magnetometer without the need for intervention by
the host processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com