Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 39 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 39 Page - Bosch Sensortec GmbH

Back Button BMI160 Datasheet HTML 35Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 36Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 37Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 38Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 39Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 40Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 41Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 42Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 43Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 114 page
background image
BMI160
Data sheet
Page 39
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
Before the interrupt is actually fired, the device must remain flat for a certain period (e.g.
int_flat_hold_time = 1s).
Note:
Rotation of the Reference Coordinate System is possible for the Flat interrupt, see chapter
2.6.5.3.
2.6.7 Low-g / free-fall Detection (Accel)
For freefall detection, the absolute values of the acceleration data of all axes are observed (global
criteria). A sum of the absolute values of all accelerations |acc_x| + |acc_y| + |acc_z| is compared
with the threshold int_low_th. The interrupt will be generated if the threshold is exceeded and the
measured acceleration stays below the hysteresis level int_low_th+int_low_hy for some minimum
number of samples (int_low_dur).
2.6.8 High-g detection (Accel)
This interrupt is configured in the Register (0x5A-0x5E) INT_LOWHIGH. The interrupt is asserted
if the absolute value of acceleration data of at least one enabled axis exceeds the programmed
threshold int_high_th and the sign of the value does not change for a minimum duration of
int_high_dur. The interrupt condition is cleared when the absolute value of acceleration data of
all selected axes falls below the threshold int_high_th minus the hysteresis int_high_hy or if the
sign of the acceleration value changes. The X, Y and Z axes are enabled with the int_high_en_x,
int_high_en_y, and int_high_en_z, respectively.
time
time
time
low_th + low_hy
low_th
low_dur
INT
non-latched
latched
counter value
Figure 14: Free-fall detection
acceleration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com