Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 74 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 74 Page - Bosch Sensortec GmbH

Back Button BMI160 Datasheet HTML 70Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 71Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 72Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 73Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 74Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 75Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 76Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 77Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 78Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
BMI160
Data sheet
Page 74
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset Value 0
1
0
0
Content
int_slo_no_mot_th<3:0>
int_slo_no_mot_th<7:0>:
Threshold of slow/no-motion interrupt. It is range-dependent and
defined
as
a
sample-to-sample
difference
according
to
int_slo_no_mot_th<7:0>
·
3.91 mg
(2-g
range),
int_slo_no_mot_th<7:0>
·
7.81 mg
(4-g
range),
int_slo_no_mot_th<7:0>
·
15.63 mg
(8-g
range),
int_slo_no_mot_th<7:0> · 31.25 mg (16-g range)
For int_slo_no_mot_th<7:0>=0x00 the threshold is 1.95 mg (2g range) / 3.91 mg (4g range) / 7.81
mg (8g range) / 15.63 mg (16g range)
Register (0x5F-0x62) INT_MOTION[3] contains slow / no motion configuration
Name
Register (0x5F-0x62) INT_MOTION [3]
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset Value 0
0
0
1
Content
reserved
int_sig_mot_proof<1:0>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset Value 0
1
0
0
Content
int_sig_mot_skip <1:0>
int_sig_mot_sel
int_no_mot_sel
int_no_mot_sel: ‘1’ (‘0’) selects no-motion (slow-motion) interrupt function
int_sig_mot_sel: ‘1’ (‘0’) selects significant (anymotion) interrupt function
int_sig_mot_skip: set the skip time of the significant motion interrupt: 0=1.5s, 1=3s, 2=6s, 3=12s
int_sig_mot_proof: set the proof time of the significant motion interrupt: 0=0.25s, 1=0.5s, 2=1s,
3=2s
2.11.26 Register (0x63-0x64) INT_TAP
ADDRESS 0x63 (2 byte)
RESET see definition
MODE see definition
DESCRIPTION Contains the configuration for the tap interrupts
DEFINITION
Register (0x63-0x64) INT_TAP[0] contains the timing definitions for the single tap and double tap
interrupts.
Name
Register (0x63-0x64) INT_TAP [0]
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset Value 0
0
0
0
Content
int_tap_quiet
int_tap_shock
reserved
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com