Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 94 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 94 Page - Bosch Sensortec GmbH

Back Button BMI160 Datasheet HTML 90Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 91Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 92Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 93Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 94Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 95Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 96Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 97Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 98Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 114 page
background image
BMI160
Data sheet
Page 94
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
The I²C interface of the BMI160 is compatible with the I²C Specification UM10204 Rev. 03 (19
June 2007), available at http://www.nxp.com. The BMI160 supports I²C standard mode and fast
mode, only 7-bit address mode is supported. For VDDIO = 1.2V to 1.62 V the guaranteed voltage
output levels are slightly relaxed as described in Table 1 of the electrical specification section.
BMI160 also supports an extended I²C mode that allows using clock frequencies up to 1 MHz.
In this mode all timings of the fast mode apply and it additionally supports clock frequencies up
to 1MHz.
The timing specification for I²C of the BMI160 is given in the following table:
Table 28: Primary I²C timings
Parameter
Symbol
Condition
Min
Max
Units
Clock Frequency
fSCL
1000
kHz
SCL Low Period
tLOW
1.3
µs
SCL High Period
tHIGH
0.6
SDA Setup Time
tSUDAT
0.1
SDA Hold Time
tHDDAT
0.0
Setup Time for a
repeated Start
Condition
tSUSTA
0.6
Hold Time for a Start
Condition
tHDSTA
0.6
Setup Time for a Stop
Condition
tSUSTO
0.6
Time before a new
Transmission can
start
tBUF
low power
mode
400
normal mode
1.3
Idle time between
write accesses,
normal mode, standby
mode, low-power
mode
tIDLE_wacc_n
m
low power
mode
400
normal mode
1.3
Idle time between
write accesses,
suspend mode, low-
power mode
tIDLE_wacc_s
um
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com