Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BMI160 Datasheet HTML 15Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 16Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 17Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 18Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 19Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 20Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 21Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 22Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 114 page
background image
BMI160
Data sheet
Page 19
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
 Hardware synchronization of the data of accelerometer, gyro and external sensor through
a unique DRDY interrupt signal.
 FIFO entries of the accelerometer, gyro and external sensor are already synchronized by
hardware. The according time stamp can be provided with each full FIFO read.
 Synchronization of external data (e.g. magnetometer data) with FIFO data at data
sampling granularity through hardware signaling
2.4 Data Processing
The accelerometer digital filter can be configured through the parameters: acc_bwp, acc_odr and
acc_us. The gyroscope digital filter can be configured through the parameters: gyr_bwp and
gyr_odr. There is no undersampling parameter for the gyroscope.
Note:
Illegal settings in configuration registers will result in an error code in the Register (0x02)
ERR_REG. The content of the data register is undefined, and if the FIFO is used, it may contain
no value.
2.4.1 Data Processing Accelerometer
The accelerometer digital filter can be configured through the parameters: acc_bwp, acc_odr and
acc_us in Register (0x40) ACC_CONF for the accelerometer. The accelerometer data can only
be processed in normal power mode or in low power mode.
2.4.1.1 Accelerometer data processing for normal power mode
When normal power mode is used, the undersampling mode should be disabled (acc_us=0b0).
In this configuration mode, the accelerometer data is sampled at equidistant points in the time,
defined by the accelerometer output data rate parameter (acc_odr). The output data rate can be
configured in one of eight different valid ODR configurations going from 12.5Hz up to 1600Hz.
Note: Lower ODR values than 12.5Hz are not allowed when undersampling mode is not enabled.
If they are used they result in an error code in Register (0x02) ERR_REG.
When acc_us=0b0, the acc_bwp parameter needs to be set to 0b010 (normal mode).
The filter bandwidth shows a 3db cutoff frequency shown in the following table:
Table 12: 3dB cutoff frequency of the accelerometer according to ODR with normal filter mode
The noise is also depending on the filter settings and ODR, see table below.
Accelerometer ODR [Hz]
12.5
25
50
100
200
400
800
1600
3dB Cutoff frequency [Hz]
5.06
10.12
20.25
40.5
80
162
(155 for
Z axis)
324
(262 for
Z axis)
684
(353 for
Z axis)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com