Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 9 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 9 Page - Bosch Sensortec GmbH

Back Button BMI160 Datasheet HTML 5Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 6Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 7Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 8Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 9Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 10Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 11Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 12Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 13Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 114 page
background image
BMI160
Data sheet
Page 9
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
nA,rms
Filter setting 80 Hz, ODR
200 Hz
1.8
mg-rms
Cross Axis
Sensitivity
SA
Relative contribution
between any two of the
three axes
1
%
Alignment Error
EA
Relative to package
outline
±0.5
°
Output Data rate
(set of x,y,z rate)
ODRA
12.5
1600
Hz
Output Data rate
accuracy
(set of x,y,z rate)
AODRA
Normal mode, over whole
operating temperature
range
±1
%
Table 3: Electrical characteristics gyroscope
OPERATING CONDITIONS GYROSCOPE
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Range
RFS125
Selectable
via serial digital interface
125
°/s
RFS250
250
°/s
RFS500
500
°/s
RFS1000
1,000
°/s
RFS2000
2,000
°/s
Start-up time
tG,su
Suspend to normal mode
ODRG=1600Hz
55
ms
tG,FS
Fast start-up to normal
mode
10
ms
OUTPUT SIGNAL GYROSCOPE
Sensitivity
RFS2000
Ta=25°C
15.9
16.4
16.9
LSB/°/s
RFS1000
Ta=25°C
31.8
32.8
33.8
LSB/°/s
RFS500
Ta=25°C
63.6
65.6
67.6
LSB/°/s
RFS250
Ta=25°C
127.2
131.2
135.2
LSB/°/s
RFS125
Ta=25°C
254.5
262.4
270.3
LSB/°/s
Sensitivity change
over temperature
TCSG
RFS2000,
Nominal VDD supplies
best fit straight line
±0.02
%/K
Sensitivity change
over supply voltage
SG,VDD
T
A
=25°C,
VDD,min ≤ VDD ≤ VDD,max
best fit straight line
0.01
%/V
Nonlinearity
NLG
Best fit straight line
RFS1000, RFS2000
0.1
%FS
g- Sensitivity
Sensitivity to acceleration
stimuli in all three axis
(frequency <20kHz)
0.1
°/s/g
Zero-rate offset
Off
x
y and z
T
A
=25°C,
fast offset compensation
off
±3
°/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com