Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 21 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 21 Page - Bosch Sensortec GmbH

Back Button BMI160 Datasheet HTML 17Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 18Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 19Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 20Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 21Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 22Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 23Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 24Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 25Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
BMI160
Data sheet
Page 21
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
2.4.2 Data Processing Gyroscope
The gyroscope digital filter can be configured through the parameters: gyr_bwp and gyr_odr in
GYR_CONF for the gyroscope. There is no undersampling option for the gyroscope data
processing. The gyroscope data can only be processed in normal power mode.
There are three data processing modes defined by gyr_bwp. Normal mode, OSR2, OSR4. For
details see chapter 2.11.13.
2.4.2.1 Gyroscope data processing for normal power mode
When the filter mode is set to normal (gyr_bwp=0b010), the gyroscope data is sampled at
equidistant points in the time, defined by the gyroscope output data rate parameter (gyr_odr). The
output data rate can be configured in one of eight different valid ODR configurations going from
25Hz up to 3200Hz.
Note: Lower ODR values than 25Hz are not allowed. If they are used they result in an error code
in Register (0x02) ERR_REG.
The filter bandwidth as configured by gyr-odr shows a 3db cutoff frequency shown in the following
table:
The noise is also depending on the filter settings and ODR, see table below.
When the filter mode is set to OSR2 (gyr_bwp=0b001), both stages of the digital filter are used
and the data is oversampled with an oversampling rate of 2. That means that for a certain filter
configuration, the ODR has to be 2 times higher than in the normal filter mode. Conversely, for a
certain filter configuration, the filter bandwidth will be the approximately half of the bandwidth
achieved for the same ODR in the normal filter mode. For example, for ODR=50Hz we will have
a 3dB cutoff frequency of 10.12Hz.
When the filter mode is set to OSR4 (gyr_bwp=0b000), both stages of the digital filter are used
and the data is oversampled with an oversampling rate of 4. That means that for a certain filter
configuration, the ODR has to be 4 times higher than in the normal filter mode. Conversely, for a
certain filter configuration, the filter bandwidth will be approximately 4 times smaller than the
bandwidth achieved for the same ODR in the normal filter mode. For example, for ODR=50Hz we
will have a 3dB cutoff frequency of 5.06Hz.
Note: the gyroscope doesn’t feature a low power mode. Therefore, there is also no undersampling
mode for the gyroscope data processing.
2.5 FIFO
A FIFO is integrated in BMI160 to support low power applications and prevent data loss in non-
real-time systems. The FIFO has a size of 1024 bytes. The FIFO architecture supports to
Gyroscope ODR [Hz]
25
50
100
200
400
800
1600
3200
3dB Cutoff frequency [Hz]
10.7
20.8
39.9
74.6
136.6
254.6
523.9
890
ODR in Hz
12.5
25
50
100
200
400
800
1600
Normal
Mode
RMS-Noise
(typ.) [mg]
0.5
0.6
0.9
1.3
1.8
2.5
3.6
5.2
3.2
3.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com