Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 29 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 29 Page - Bosch Sensortec GmbH

Back Button BMI160 Datasheet HTML 25Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 26Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 27Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 28Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 29Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 30Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 31Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 32Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 33Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 114 page
background image
BMI160
Data sheet
Page 29
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
If the same number of data points falls below the threshold, the interrupt is reset. In order to avoid
acceleration data saturation, when data is at maximal value (e.g. ‘0x8000’ or ‘0X7FFF’ for a 16
bit sensor); it is considered that the slope is at maximal value, too.
The criteria for any-motion detection are fulfilled and the slope interrupt is generated if any of the
axis exceeds the threshold int_anym_th for int_anym_dur consecutive times. As soon as all the
channels fall or stay below this threshold for int_anym_dur consecutive times the interrupt is reset.
If this interrupt is triggered in latch mode it remains blocked (disabled) until the latching is cleared.
The any-motion interrupt logic sends out the signals of the axis that has triggered the interrupt
(int_anym_first_x, int_anym_first_y, int_anym_first_z) and the signal of motion direction
(int_anym_sign).
2.6.2 Significant Motion (Accel)
The significant motion interrupt implements the interrupt required for motion detection in Android
4.3 and greater:
https://source.android.com/devices/sensors/composite_sensors.html#Significant
A significant motion is a motion due to a change in the user location.
Examples of such significant motions are walking or biking, sitting in a moving car, coach or train,
etc. Examples of situations that should not trigger significant motion include phone in pocket and
anym_th
INT
slope
acc(t0+dt)
acc(t0)
slope(t0+dt)= acc(t0+dt) - acc(t0)
time
time
anym_dur
anym_dur
latched
unlatched
Figure 5: Any-motion (slope) interrupt detection
acceleration
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com