Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 13 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 13 Page - Bosch Sensortec GmbH

Back Button BMI160 Datasheet HTML 9Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 10Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 11Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 12Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 13Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 14Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 15Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 16Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 17Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
BMI160
Data sheet
Page 13
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
2.2 Power modes
By default BMI160 accel and gyro are in suspend mode after powering up the device. The device
is powering up in less than 10ms.
Three power modes are supported for accelerometer and gyroscope:
Accelerometer
 Normal mode: full chip operation
 Low power mode: duty-cycling between suspend and normal mode. FIFO data readout
are supported in lower power mode to a limited extent, see Register PMU_STATUS.
 Suspend mode: No sampling takes place, all data is retained, and delays between
subsequent I2C operations are allowed. FIFO data readout is not supported in suspend
mode.
Gyroscope
 Normal mode: same as accelerometer
 Suspend mode: same as accelerometer
 Fast start-up mode: start-up delay time to normal mode ≤10 ms
Table 6: Power modes of accelerometer and gyro in BMI160
Accelerometer
Gyroscope
external
Magnetometer
BMM150
full operation
mode
Normal mode
Sleep modes
Fast Start-up
mode
Suspend mode
Low power
modes
Low power mode
Suspend and fast start-up modes are sleep modes. Switching between normal and low power
mode will not impact the output data from the sensor. This allows the system to switch from low
power mode to normal mode to read out the sensor data in the FIFO with a data rate limited by
the serial interface.
2.2.1 Suspend mode (accelerometer and gyroscope)
In suspend mode, the MEMS sensors are powered off but the digital circuitry is still active.
Note:
When all sensors are in suspend or low power mode, burst writes are not supported, normal writes
need wait times after the write command is issued (~400 µs), and burst reads are not supported
on Register (0x24) FIFO_DATA. If all sensors (accelerometer, gyroscope or magnetometer) are
in either suspend or low power mode, the FIFO must not be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com