Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 24 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 24 Page - Bosch Sensortec GmbH

Back Button BMI160 Datasheet HTML 20Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 21Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 22Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 23Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 24Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 25Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 26Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 27Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 28Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 114 page
background image
BMI160
Data sheet
Page 24
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
FIFO Frame Format
Configuration
Headerless mode
(only data)
Header mode
(header+data)
Control frames
Regular frames
(same ODR for different sensor )
Skip frame
Sensortime frame
FIFO Input Config frame
Regular frames
(different ODR for different sensor)
Figure 4: FIFO frame configurations
In headerless mode no header byte is used and the frames consist only of data bytes. The data
bytes will always be sensor data. Only regular frames with the same ODR for all sensors are
supported and no external interrupt flags are possible. This mode has the advantage of an easy
frame format and an optimized usage of the 1024 bytes of FIFO storage. It can be selected by
disabling fifo_header in Register (0x46-0x47) FIFO_CONFIG. In case of overreading the FIFO,
non-valid frames always contain the fixed expression (magic number) 0x80 in the data frame.
In header mode every frame consists of a header byte followed by one or more data bytes. The
header defines the frame type and contains parameters for the frame. The data bytes may be
sensor data or control data. Header mode supports different ODRs for the different sensor data
and external interrupt flags. This mode therefore has the advantage of allowing maximum
flexibility of the FIFO engine. It is activated by enabling fifo_header in Register (0x46-0x47)
FIFO_CONFIG.
2.5.1.3 Header byte format
The header format is shown below:
Bit
7
6
5
4
Content
fh_mode<1:0>
fh_parm<3:2>
Bit
3
2
1
0
Read/Write
fh_parm<1:0>
fh_ext<1:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com