Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 54 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 54 Page - Bosch Sensortec GmbH

Back Button BMI160 Datasheet HTML 50Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 51Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 52Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 53Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 54Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 55Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 56Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 57Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 58Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 114 page
background image
BMI160
Data sheet
Page 54
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset Value 0
0
0
0
Content
sensor_time<19:16>
2.11.6 Register (0x1B) STATUS
ADDRESS 0x1B
RESET 0b00000000
MODE R
DESCRIPTION Reports sensor status flags.
DEFINITION
Bit
Acronym
Definition
7
drdy_acc
Data ready (DRDY) for accelerometer in register
6
drdy_gyr
Data ready (DRDY) for gyroscope in register
5
drdy_mag
Data ready (DRDY) for magnetometer in register
4
nvm_rdy
NVM controller status
3
foc_rdy
FOC completed
2
mag_man_op
‘0’ indicates no manual magnetometer interface
operation
‘1’ indicates a manual magnetometer interface
operation
triggered via MAG_IF[2] or MAG_IF[3]
1
gyr_self_test_ok
‘0’ when gyroscope self-test is running or failed.
‘1’ when gyroscope self-test completed
successfully.
Drdy_*:
gets reset when one byte of the register for sensor * is read.
Nvm_rdy:
status of NVM controller: ´0´  NVM write operation is in progress; ´1´  NVM
is ready to accept a new write trigger
foc_rdy:
Fast offset compensation completed
2.11.7 Register (0x1C-0x1F) INT_STATUS
ADDRESS 0x1C (4 byte)
RESET
MODE R
DESCRIPTION The register contains interrupt status flags.
DEFINITION
Each flag is associated with a specific interrupt function. It is set when the associated interrupt
triggers. The setting of Register (0x54) INT_LATCH <3:0> controls if the interrupt signal and
hence the respective interrupt flag will be permanently latched, temporarily latched or not latched.
The interrupt function associated with a specific status flag must be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com