Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 99 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 99 Page - Bosch Sensortec GmbH

Back Button BMI160 Datasheet HTML 95Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 96Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 97Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 98Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 99Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 100Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 101Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 102Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 103Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 114 page
background image
BMI160
Data sheet
Page 99
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
3.3.1.1 Configuration options of the secondary interface as magnetometer interface
The secondary interface configured as a magnetometer interface is a I2C master interface
supporting Fast-Mode I²C communication.
In this mode the ASCx pad is output only, since both master and slave don’t support clock
stretching and only master can drive the clock. ASCx is configured as push-pull output when
magnetometer interface is enabled. The ASDx pad is used for data transfer between master and
slave devices and is bidirectional.
There are two basis configurations of the magnetometer interface that can be configured using
the Register (0x4B-0x4F) MAG_IF: Setup mode and Data mode.
1. Setup mode (also manual mode): In this mode, the application processor can access every
register of the sensor attached to the secondary interface through indirect addressing. This
mode is usually used to configure the MAG-sensor and the way the secondary interface reads
the data. The Setup mode has to be executed after each POR (power on reset) previous to
the first data acquisition in Data mode (see below).
The Setup mode is enabled by setting the MAG_IF[1]<7> = 1. The magnetometer may be
accessed through the primary interface using indirect addressing. The data for the I2C write to
magnetometer is stored in MAG_IF[4]. MAG_IF[2] defines the first address of the register to
read (MAG_IF[3] define the address for write access) in the magnetometer register map and
triggers the operation itself, when the magnetometer interface is in normal mode.
For reads, the number of data bytes defined in mag_rd_burst in register MAG_IF[1]<0:1> are
read from the magnetometer and written into the MAG_[X-Z] and RHALL fields of the register
DATA. For write accesses, no burst write is supported, independent of the settings in
mag_rd_burst in Register (0x4B-0x4F) MAG_IF.
When a read or write operation is triggered by writing to MAG_IF[2] or MAG_IF[3], a bit
indicator mag_man_op in
Register (0x1B) STATUS is set and when the operation is completed it is automatically reset.
In case a measurement trigger is necessary (i.e. BMM150), the MAG-sensor register address
and data should be specified by writing the appropriate value (i.e. 0x06) in the required
external sensor register address (i.e. 0x44) through the last indirect write access in setup mode
before changing to Data mode.
The time delay between triggering a magnetometer measurement and reading the measured
data is specified in mag_offset in MAG_IF[1].
The data rate used for the autonomous reading of the MAG-sensor data in Data mode should
be first specified by configuring the mag_odr in Register (0x44) MAG_CONF<0:3>.
2. Data mode: When collecting sensor data in Data mode, the BMI160 autonomously triggers
the measurement of the magnetometer, reads the data from the magnetometer and copies it
into the BMI160 user register. Once the data mode is running, the application processor can
access the data of the secondary sensor simply by reading from the BMI160 user Register
(0x04-0x17) DATA_0 Register (0x04-0x17) DATA_7 0x0b. In case of BMM150, the data read
is the magnetometer data MAG_[X-Z] and Hall resistance RHALL.
The data mode mode is enabled by setting the MAG_IF_1<7> = 0.
MAG_IF[2] defines the lowest address of the register data bytes to read from the MAG-sensor
and the data will be stored in the BMI160 register MAG-DATA. The data ready status is set via
drdy_mag in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com