Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 44 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 44 Page - Bosch Sensortec GmbH

Back Button BMI160 Datasheet HTML 40Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 41Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 42Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 43Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 44Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 45Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 46Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 47Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 48Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 114 page
background image
BMI160
Data sheet
Page 44
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
2.7 Step Counter
The step counter implements the function required for step counting in Android 4.4 and greater:
https://source.android.com/devices/sensors/sensor-types#step_counter
The step counter accumulates the steps detected by the step detector interrupt. Based on more
sophisticated algorithms, the step counter features a higher accuracy and reporting latency than
the step detector interrupt described in Chapter 2.6.3.
The step counter is configurable to the following modes through the step detector settings:
 Normal mode (default setting, recommended for most applications)
 Sensitive mode (can be used for light weighted, small persons)
 Robust mode (can be used, if many false positive detections are observed)
In order to read out the step counter values it is recommended to switch to normal mode
The step counter is enabled and reset with step_cnt_en in Register (0x7A-0x7B) STEP_CONF.
It shares its configuration with the step detector interrupt in Register (0x7A-0x7B) STEP_CONF.
The step counter can be used in low-power mode. In order to receive the most recent number of
counted steps, it is recommended to switch to normal mode prior to reading out the Register
(0x78-0x79) STEP_CNT.
More details can be found in the step counter field test report.
2.8 Device self test
This feature permits to check the sensor functionality via a built-in self-test (BIST). The
accelerometer has a comprehensive self test function for the MEMS element, the gyroscope
implements a simple self-test/life-test.
2.8.1 Self-test accelerometer
By applying electrostatic forces to the sensor core instead of external accelerations, the entire
signal path of the sensor can be tested. Activating the self-test results in a static offset of the
acceleration data; any external acceleration or gravitational force applied to the sensor during
active self-test will be observed in the output as a superposition of both acceleration and self-test
signal. All three axes are activated at the same time.
Before the self-test is enabled the g-range should be set to 8 g. The Register (0x40) ACC_CONF
has to be set to value 0x2C (acc_odr=1600Hz; acc_bwp=2; acc_us=0). Otherwise the
accelerometer self-test mode will not function correctly.
The self-test is activated by writing the value ´0b01´ to the acc_self_test_enable bits in the
Register (0x6D) SELF_TEST. It is possible to control the direction of the deflection of all 3 axes
through the bit acc_self_test_sign. The excitations occurs in negative (positive) direction if
self_test_sign = ´0b0´ (´0b1´). The amplitude of the deflection has to be set high by writing
acc_self_test_amp=´0b1´. After the self-test is enabled, the user should wait 50 ms before
interpreting the acceleration data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com