Electronic Components Datasheet Search
  English  ▼

X  

BMI160 Datasheet(PDF) 79 Page - Bosch Sensortec GmbH

Part # BMI160
Description  Small, low power inertial measurement unit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI160 Datasheet(HTML) 79 Page - Bosch Sensortec GmbH

Back Button BMI160 Datasheet HTML 75Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 76Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 77Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 78Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 79Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 80Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 81Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 82Page - Bosch Sensortec GmbH BMI160 Datasheet HTML 83Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 114 page
background image
BMI160
Data sheet
Page 79
BST-BMI160-DS000-09 | Revision 1.0 | November 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are preliminary and subject to change without notice.
2.11.31 Register (0x6B) IF_CONF
ADDRESS 0x6B
RESET see definition
MODE RW
DESCRIPTION Contains settings for the digital interface.
DEFINITION
Name
Register (0x6B) IF_CONF
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset Value 0
0
0
0
Content
reserved
if_mode<1:0>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset Value 0
0
0
0
Content
reserved
spi3
reserved:
write ‘0’
spi3:
select ´0´  4-wire SPI, or ´1´  3-wire SPI mode for primary
if_mode:
00: primary interface: autoconfig / secondary interface: off
01: Primary interface:I2C / secondary interface:OIS
02: Primary interface: autoconfig / secondary interface: Magnetometer
11: reserved
2.11.32 Register (0x6C) PMU_TRIGGER
ADDRESS 0x6C
RESET 0b0000-0000
MODE RW
DESCRIPTION Used to set the trigger conditions to change the gyro power modes
DEFINITION
The pmu_gyr_mode in Register (0x03) PMU_STATUS is updated with each transition triggered.
Name
Register (0x6C) PMU_TRIGGER
Bit
7
6
5
4
Read/Write
RW
RW
RW
RW
Reset Value 0
0
0
0
Content
Reserved
wakeup_int
gyr_sleep_state
gyr_wakeup_trigg
er<1>
Bit
3
2
1
0
Read/Write
RW
RW
RW
RW
Reset Value 0
0
0
0
Content
gyr_wakeup_trigg
er<0>
gyr_sleep_trigger <2:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com