Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 3 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 3 Page - Microchip Technology

  BM83 Datasheet HTML 1Page - Microchip Technology BM83 Datasheet HTML 2Page - Microchip Technology BM83 Datasheet HTML 3Page - Microchip Technology BM83 Datasheet HTML 4Page - Microchip Technology BM83 Datasheet HTML 5Page - Microchip Technology BM83 Datasheet HTML 6Page - Microchip Technology BM83 Datasheet HTML 7Page - Microchip Technology BM83 Datasheet HTML 8Page - Microchip Technology BM83 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
DSP Voice and Audio Processing
• 16/32-bit DSP Core with Enhanced 32-Bit Precision, Single Cycle Multiplier
• 64 Kbps A-Law, µ-Law Pulse Code Modulation (PCM), or Continuous Variable Slope Delta (CVSD) Modulation
for Synchronous Connection-Oriented (SCO) Channel Operation
• 8/16 kHz Noise Reduction (NR)
• 8/16 kHz Acoustic Echo Cancellation (AEC)
• Modified Sub-Band Coding (mSBC) Decoder for Wideband Speech
• Packet Loss Concealment (PLC) for SBC and AAC Codecs Only
Audio Codec
• SBC and AAC
• 20-bit Audio Stereo DAC with Signal-to-Noise Ratio (SNR) 95 dB
• 16-bit Audio Stereo Analog-to-Digital Converter (ADC) with SNR 90 dB
• 16-bit/24-bit I2S Digital Audio:
– 8 kHz, 16 kHz, 44.1 kHz, and 48 kHz sampling frequency for SBC and AAC
Peripherals
• Successive Approximation Register Analog-to-Digital Converter (SAR ADC) with Dedicated Channels:
– Battery voltage detection and adapter voltage detection
– Charger thermal protection and ambient temperature detection
• UART (With Hardware Flow Control)
• USB (Full-Speed USB 1.1 Interface)
• Inter-Integrated Circuit (I2C™) Master
• One Pulse Width Modulation (PWM) Channel
• Two LED Drivers
• Up to 18 General Purpose Inputs/Outputs (GPIOs)
• 2-wire 8051 MCU Joint Test Action Group (JTAG) Debug
Operating Conditions
• Operating Voltage: 3.2V to 4.2V
• Operating Temperature: –40°C to +85°C
Compliance
• Bluetooth Special Interest Group (SIG) QDID: 134083 (Class1) and 134099 (Class2)
• Certified to the United States (FCC), Canada (ISED), Europe (CE), Korea (KCC), Taiwan (NCC), and Japan
(MIC) Radio Regulations
• RoHS Compliant
Applications
• Portable Speaker
• Multiple Speakers
• Headphones
BM83
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com