Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 38 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 38 Page - Microchip Technology

Back Button BM83 Datasheet HTML 34Page - Microchip Technology BM83 Datasheet HTML 35Page - Microchip Technology BM83 Datasheet HTML 36Page - Microchip Technology BM83 Datasheet HTML 37Page - Microchip Technology BM83 Datasheet HTML 38Page - Microchip Technology BM83 Datasheet HTML 39Page - Microchip Technology BM83 Datasheet HTML 40Page - Microchip Technology BM83 Datasheet HTML 41Page - Microchip Technology BM83 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
Figure 5-2. Power Tree Diagram
Power
Switch
BAT_IN
Li-Ion
Battery
ADAP_IN
5V
Adapter
SYS_PWR
(3.2 to 4.2V)
(4.5 to 5.5V)
3V LDO
LDO31_VIN
LDO31_VO
(4.2 to 3.2V)
VDDA/
VDDAO
VDD_IO
(3.0 to 3.6V)
SAR_VDD
1.2V LDO
PMIC_IN
CLDO_O
RFLDO_O
VDD_CORE
VCC_RF
(1.2V)
(1.28V)
(1.5V)
BK_VDD
BK_O
BK_LX
(1.8V)
BK_VDD
BK_O
BK_LX
1.5V Buck
Switching
Regulator
(Buck1)
1.8V Buck
Switching
Regulator
(Buck2)
5.2
SAR ADC
The BM83 module has a 10-bit Successive Approximation Register (SAR) ADC with ENOB (Effective Number of Bits)
of 8-bits; used for battery voltage detection, adapter voltage detection, charger thermal protection, and ambient
temperature detection. The input power of the SAR ADC is supplied by the 1.8V output of Buck2. The warning level
can be programmed by using the Config Tool or the SDK.
The SK1 and SK2 are the ADC channel pins. The SK1 is used for charger thermal protection. The following figure
illustrates the suggested circuit and thermistor, Murata NCP15WF104F. The charger thermal protection can avoid
battery charge in a restricted temperature range. The upper and lower limits for temperature values can be
configured by using the Config Tool.
BM83
Power Management Unit
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com