Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 59 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 59 Page - Microchip Technology

Back Button BM83 Datasheet HTML 55Page - Microchip Technology BM83 Datasheet HTML 56Page - Microchip Technology BM83 Datasheet HTML 57Page - Microchip Technology BM83 Datasheet HTML 58Page - Microchip Technology BM83 Datasheet HTML 59Page - Microchip Technology BM83 Datasheet HTML 60Page - Microchip Technology BM83 Datasheet HTML 61Page - Microchip Technology BM83 Datasheet HTML 62Page - Microchip Technology BM83 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
Table 9-6. LED Driver (1)
Parameter
Min.
Typ.
Max.
Unit
Open-drain voltage
—
—
3.6
V
Programmable current range
0
—
5.25
mA
Intensity control
—
16
—
step
Current step
—
0.35
—
mA
Power-down open-drain current
—
—
1
μA
Shutdown current
—
—
1
μA
1.
These parameters are characterized, but not tested on production devices.
Table 9-7.  Audio Codec Analog-to-Digital Converter (1,4)
Parameter (Condition)
Min.
Typ.
Max.
Unit
Resolution
—
—
16
Bit
Output sample rate
8
—
48
kHz
SNR ratio(2) (at MIC or Line-In)
—
91
—
dB
Digital gain
-54
—
4.85
dB
Digital gain resolution
—
2 to 6
—
dB
MIC boost gain
—
20
—
dB
Analog gain
—
—
60
dB
Analog gain resolution
—
2.0
—
dB
Input full-scale at maximum gain (differential)
—
4
—
mV/rms
Input full-scale at minimum gain (differential)
—
800
—
mV/rms
3 dB bandwidth
—
20
—
kHz
Microphone mode (input impedance)
—
24
—
kΩ
THD+N ratio(3)
—
0.04
—
%
THD+N ratio(3)
—
-68
—
dB
1.
These parameters are characterized, but not tested on production devices.
2.
T = 25°C, VDD = 1.8V, 1 kHz sine wave input, bandwidth = 20 Hz to 20 kHz.
3.
fin = 1kHz sine tone, analog gain = -3 dB, digital gain = 0 dB, bandwidth = 22K, A-weighted, sweep across
-100 dBv to 6 dBv.
4.
Measurements performed on the BM83 EVB platform.
Table 9-8. Audio Codec Digital-to-Analog Converter(1,5)
Parameter (Condition)
Min.
Typ.
Max.
Unit
Over-sampling rate
—
128
—
fs
Resolution
16
—
20
Bit
Output sample rate
8
—
48
kHz
SNR ratio(2)(at Capless mode) for 48 kHz
—
95
—
dB
SNR(2)(at Single-ended mode) for 48 kHz
—
95
—
dB
BM83
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com