Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 58 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 58 Page - Microchip Technology

Back Button BM83 Datasheet HTML 54Page - Microchip Technology BM83 Datasheet HTML 55Page - Microchip Technology BM83 Datasheet HTML 56Page - Microchip Technology BM83 Datasheet HTML 57Page - Microchip Technology BM83 Datasheet HTML 58Page - Microchip Technology BM83 Datasheet HTML 59Page - Microchip Technology BM83 Datasheet HTML 60Page - Microchip Technology BM83 Datasheet HTML 61Page - Microchip Technology BM83 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
...........continued
Parameter
Min.
Typ.
Max.
Unit
Threshold voltage
—
1.6
—
V
1.
These parameters are characterized, but not tested on production device.
Table 9-4. Battery Charger (1)
Parameter
Min.
Typ.
Max.
Unit
Adapter input voltage (ADAP_IN)
4.6(2)
5.0
5.5
V
Supply current to charger only
—
3
4.5
mA
Maximum battery fast charge
current
Headroom(3) > 0.7V
(ADAP_IN = 5V)
—
350
—
mA
Headroom = 0.3V to 0.7V
(ADAP_IN = 4.5V)
—
175(4)
—
mA
Trickle charge voltage threshold
—
3
—
V
Battery charge termination current (% of fast charge
current)
—
10
—
%
1.
These parameters are characterized, but not tested on production devices.
2.
More time is required to get the battery fully charged when ADAP_IN = 4.5V.
3.
Headroom = VADAP_IN – VBAT_IN.
4.
When VADAP_IN – VBAT_IN > 2V, the maximum fast charge current is 175 mA for thermal protection.
Table 9-5. SAR ADC Operating Conditions
Parameter
Condition
Min.
Typ.
Max.
Unit
Shutdown current (IOFF)
PDI_ADC = 1
—
—
1
μA
Resolution
—
—
10
—
bits
Effective Number of Bits (ENOB) —
7
8
—
bits
SAR core clock (FCLOCK)
—
—
0.5
1
MHz
Conversion time per channel
(TCONV)
10 FCLOCK cycles
10
20
—
μs
Offset error (EOFFSET)
—
-5
—
+5
%
Gain error (EGAIN)
—
—
—
+1
%
ADC SAR core power-up (tPU)
PDI_ADC transitions
from 1 to 0
—
—
500
ns
Input voltage range (VIN)
Channel 8 (SK2 Pin)
0.25
—
1.4
V
Channel 9 (SK1 Pin)
0.25
—
1.4
V
Channel 10 (OTP)
0.25
—
1.4
V
Channel 11 (ADAP_IN
Pin)
2.25
—
12.6
V
Channel 12 (BAT_IN
Pin)
1.0
—
5.6
V
BM83
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com