Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 9 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 9 Page - Microchip Technology

Back Button BM83 Datasheet HTML 5Page - Microchip Technology BM83 Datasheet HTML 6Page - Microchip Technology BM83 Datasheet HTML 7Page - Microchip Technology BM83 Datasheet HTML 8Page - Microchip Technology BM83 Datasheet HTML 9Page - Microchip Technology BM83 Datasheet HTML 10Page - Microchip Technology BM83 Datasheet HTML 11Page - Microchip Technology BM83 Datasheet HTML 12Page - Microchip Technology BM83 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
2.
Device Overview
The BM83 stereo audio module is built around the IS2083BM SoC, which integrates the dual-mode baseband,
modem, radio transceiver, PMU, MCU, crystal, and a DSP dedicated for audio and voice applications. Users can
configure the BM83 module by using the SDK or the IS208x_Config_GUI_Tool (Config Tool).
There are two modes of operation:
• Host mode:
– Interfaces with an external MCU over UART for application specific system control
– The MSPK solution and AT solution can reside on the external MCU
• Embedded mode:
– No external MCU involved
– BM83 acts as an MCU to control all peripherals to provide various speaker features
– Integrates the MSPK and AT solution on the module
Simple system control can be implemented using the SDK. DSP parameters such as equalizer settings can be set
using the Config Tool.
Note:  The SDK and Config Tool are available for download at: www.microchip.com/BM83.
The following figure illustrates the Embedded mode and Host mode of the BM83 module.
Figure 2-1. BM83 Module Application Modes
Embedded Mode
Microphone
Line-In
Smartphone
Battery
DC Adapter
BM83
Host Mode
Microphone
Line-In
Smartphone
Battery
DC Adapter
BM83
Host
MCU
External
DSP/Audio
Amplifier
UART
MCLK
I2S
I2S
I2C
External
DSP/Audio
Amplifier
MCLK
BM83
Device Overview
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com