Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 64 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 64 Page - Microchip Technology

Back Button BM83 Datasheet HTML 60Page - Microchip Technology BM83 Datasheet HTML 61Page - Microchip Technology BM83 Datasheet HTML 62Page - Microchip Technology BM83 Datasheet HTML 63Page - Microchip Technology BM83 Datasheet HTML 64Page - Microchip Technology BM83 Datasheet HTML 65Page - Microchip Technology BM83 Datasheet HTML 66Page - Microchip Technology BM83 Datasheet HTML 67Page - Microchip Technology BM83 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
10.
Soldering Recommendations
The BM83 module can be soldered to the host board using standard leaded and lead-free solder reflow profiles. The
BM83 module is assembled using a standard lead-free reflow profile, IPC/JEDEC J-STD-020.
To avoid the damage to the module, it is mandatory to follow the recommendations as listed:
• Refer to AN233 Solder Reflow Recommendation Application Note for the soldering reflow recommendations.
• Do not exceed peak temperature (TP) of +260ºC.
• Use no-clean flux solder paste.
• Do not wash the module as moisture can be trapped under the shield.
• Use only one flow. If the PCB requires multiple flows, apply the module on the final flow.
The following figure illustrates the reflow profile of the BM83 module.
Figure 10-1. Reflow Profile
Preheat : +150 to +200°C
+217°C
Slope:
+1 to +2°C/sec max.
(+217°C to peak)
Peak: +260°C (+5/0°C tolerance)
Ramp down rate:
+3°C/sec max.
20 to 40 sec
Time (sec)
60 to 180 sec
60 to 150 sec
+25°C
BM83
Soldering Recommendations
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com