Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 47 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 47 Page - Microchip Technology

Back Button BM83 Datasheet HTML 43Page - Microchip Technology BM83 Datasheet HTML 44Page - Microchip Technology BM83 Datasheet HTML 45Page - Microchip Technology BM83 Datasheet HTML 46Page - Microchip Technology BM83 Datasheet HTML 47Page - Microchip Technology BM83 Datasheet HTML 48Page - Microchip Technology BM83 Datasheet HTML 49Page - Microchip Technology BM83 Datasheet HTML 50Page - Microchip Technology BM83 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
Figure 6-9. Timing Sequence of Power On/Off
BAT_IN
SYS_PWR
1 ms
Power On
/initial
idle
Power On
Power On
Power Off
idle
MCU state
PWR (MFB)
400 ms
RST_N
MCU sends UART command
(UART_RX)
UART
Command
MCU sends power
Off UART Command
Power On ACK
ACK
ACK
Bluetooth response UART state
(UART_TX)
any
20 ms
Keep all Bluetooth
and MCU
connection to
low level
2s
> 1s
Figure 6-10. Timing Sequence of RX Indication After Power On State
PWR (MFB)
MCU sends UART command
MFB pulse must be longer than the
UART command slot time
2 ms 2 ms
1 ms
UART
Command
Wake-up Bluetooth® leave 32 kHz
mode
BM83
Application Information
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com